Part Number Hot Search : 
U1DL49 PSMS24C 1N6294E3 C9018 B1048 MH202 HER501 STK3310
Product Description
Full Text Search
 

To Download 1SMB5953BT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
3 Watt Plastic Surface Mount Silicon Zener Diodes
This complete new line of 3 Watt Zener Diodes offers the following advantages. Specification Features: * A Complete Voltage Range -- 3.3 to 200 Volts * Flat Handling Surface for Accurate Placement * Package Design for Top Side or Bottom Circuit Board Mounting * Available in Tape and Reel Mechanical Characteristics: CASE: Void-free, transfer-molded plastic MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES: 260C for 10 seconds FINISH: All external surfaces are corrosion resistant with readily solderable leads POLARITY: Cathode indicated by molded polarity notch. When operated in zener mode, cathode will be positive with respect to anode. MOUNTING POSITION: Any WEIGHT: Modified L-Bend providing more contact area to bond pad WAFER FAB LOCATION: Phoenix, Arizona ASSEMBLY/TEST LOCATION: Seremban, Malaysia
1SMB5913BT3 through 1SMB5956BT3
PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3-200 VOLTS
CASE 403A PLASTIC
MAXIMUM RATINGS
Rating DC Power Dissipation @ TL = 75C, Measured at Zero Lead Length Derate above 75C DC Power Dissipation @ TA = 25C* Derate above 25C Operating and Storage Junction Temperature Range Symbol PD PD TJ, Tstg Value 3 40 830 6.6 - 65 to +150 Unit Watts mW/C mW mW/C C
*FR4 Board, within 1 to device, using Motorola minimum recommended footprint, as shown in case 403A outline dimensions spec.
ELECTRICAL CHARACTERISTICS (TL = 30C unless otherwise noted.) (VF = 1.5 Volts Max @ IF = 200 mAdc for all types.)
Nominal Zener Voltage VZ @ IZT Volts (Note 1) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 Test Current IZT mA 113.6 104.2 96.1 87.2 79.8 73.5 66.9 60.5 55.1 50 45.7 41.2 37.5 34.1 31.2 28.8 Max Zener Impedance (Note 2) ZZT @ IZT Ohms 10 9 7.5 6 5 4 2 2 2.5 3 3.5 4 4.5 5.5 6.5 7 ZZK Ohms 500 500 500 500 500 350 250 200 200 400 400 500 500 550 550 550 @ IZK mA 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.25 0.25 0.25 0.25 Max Reverse Leakage Current IR A 100 75 25 5 5 5 5 5 5 5 5 5 5 1 1 1 @ VR Volts 1 1 1 1 1.5 2 3 4 5.2 6.8 6.5 7 8 8.4 9.1 9.9 Maximum DC Zener Current IZM mAdc 454 416 384 348 319 294 267 241 220 200 182 164 150 136 125 115
Device* 1SMB5913BT3 1SMB5914BT3 1SMB5915BT3 1SMB5916BT3 1SMB5917BT3 1SMB5918BT3 1SMB5919BT3 1SMB5920BT3 1SMB5921BT3 1SMB5922BT3 1SMB5923BT3 1SMB5924BT3 1SMB5925BT3 1SMB5926BT3 1SMB5927BT3 1SMB5928BT3
Device Marking 913B 914B 915B 916B 917B 918B 919B 920B 921B 922B 923B 924B 925B 926B 927B 928B
(continued)
*TOLERANCE AND VOLTAGE DESIGNATION
Tolerance designation -- The type numbers listed indicate a tolerance of 5%.
Devices listed in bold, italic are Motorola preferred devices.
Motorola TVS/Zener Device Data
3 Watt DC Power Data Sheet 7-1
1SMB5913BT3 Series
ELECTRICAL CHARACTERISTICS -- continued (TL = 30C unless otherwise noted.) (VF = 1.5 Volts Max @ IF = 200 mAdc for all
types.) Nominal Zener Voltage VZ @ IZT Volts (Note 1) Test Current IZT mA Max Reverse Leakage Current IR A @ VR Volts Maximum DC Zener Current IZM mAdc
Max Zener Impedance (Note 2) ZZT @ IZT Ohms ZZK Ohms @ IZK mA
Device*
Device Marking
1SMB5929BT3 1SMB5930BT3 1SMB5931BT3 1SMB5932BT3
1SMB5933BT3 1SMB5934BT3 1SMB5935BT3 1SMB5936BT3 1SMB5937BT3 1SMB5938BT3 1SMB5939BT3 1SMB5940BT3 1SMB5941BT3 1SMB5942BT3 1SMB5943BT3 1SMB5944BT3 1SMB5945BT3 1SMB5946BT3 1SMB5947BT3 1SMB5948BT3
15 16 18 20
22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91
25 23.4 20.8 18.7
17 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8 7.3 6.7 6 5.5 5 4.6 4.1
9 10 12 14
17.5 19 23 26 33 38 45 53 67 70 86 100 120 140 160 200
600 600 650 650
650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000
0.25 0.25 0.25 0.25
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
11.4 12.2 13.7 15.2
16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56 62.2 69.2
100 93 83 75
68 62 55 50 45 41 38 34 31 29 26 24 22 20 18 16
929B 930B 931B 932B
933B 934B 935B 936B 937B 938B 939B 940B 941B 942B 943B 944B 945B 946B 947B 948B
1SMB5949BT3 1SMB5950BT3 1SMB5951BT3 1SMB5952BT3
1SMB5953BT3 1SMB5954BT3 1SMB5955BT3 1SMB5956BT3
100 110 120 130
150 160 180 200
3.7 3.4 3.1 2.9
2.5 2.3 2.1 1.9
250 300 380 450
600 700 900 1200
3100 4000 4500 5000
6000 6500 7000 8000
0.25 0.25 0.25 0.25
0.25 0.25 0.25 0.25
1 1 1 1
1 1 1 1
76 83.6 91.2 98.8
114 121.6 136.8 152
15 13 12 11
10 9 8 7
949B 950B 951B 952B
953B 954B 955B 956B
*TOLERANCE AND VOLTAGE DESIGNATION
Tolerance designation -- The type numbers listed indicate a tolerance of 5%.
Devices listed in bold, italic are Motorola preferred devices.
3 Watt DC Power Data Sheet 7-2
Motorola TVS/Zener Device Data
1SMB5913BT3 Series
P D, MAXIMUM POWER DISSIPATION (WATTS) 6 1K 5 4 3 2 1 TA 0 0 25 50 75 100 T, TEMPERATURE (C) 125 150 TL PPK , PEAK SURGE POWER (WATTS) 500 300 200 100 50 30 20 10 0.1 0.2 0.3 0.5 1 23 5 10 20 30 50 PW, PULSE WIDTH (ms) 100 RECTANGULAR NONREPETITIVE WAVEFORM TJ = 25C PRIOR TO INITIAL PULSE
Figure 1. Steady State Power Derating
Figure 2. Maximum Surge Power
VZ , TEMPERATURE COEFFICIENT (mV/ C)
10 8 6 4 2 0 -2 -4 VZ @ IZT IZ, ZENER CURRENT (mA) 2 4 6 8 VZ, ZENER VOLTAGE (VOLTS) 10 12
100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 1 2 3 4 5 6 7 VZ, ZENER VOLTAGE (VOLTS) 8 9 10
Figure 3. Zener Voltage -- To 12 Volts
Figure 4. VZ = 3.3 thru 10 Volts
100 ZZ , DYNAMIC IMPEDANCE (OHMS) 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 10 20 30 40 50 60 70 80 VZ, ZENER VOLTAGE (VOLTS) 90 100
200 IZ(dc) = 1mA 100 70 50 30 20 10 7 5 3 2 10mA
IZ , ZENER CURRENT (mA)
20mA 5 7 10
iZ(rms) = 0.1 IZ(dc) 20 30 50 VZ, ZENER VOLTAGE (VOLTS) 70 100
Figure 5. VZ = 12 thru 82 Volts
Figure 6. Effect of Zener Voltage
Devices listed in bold, italic are Motorola preferred devices.
Motorola TVS/Zener Device Data
3 Watt DC Power Data Sheet 7-3
1SMB5913BT3 Series
200 VZ @ IZT ZZ , DYNAMIC IMPEDANCE (OHMS) 1k 500 200 100 50 20 10 5 2 1 0.5 1 2 5 10 20 50 100 IZ, ZENER TEST CURRENT (mA) 22V 12V 200 6.8V 500 VZ =150V 91V 62V TJ = 25C iZ(rms) = 0.1 IZ(dc)
VZ , TEMPERATURE COEFFICIENT (mV/ C)
100 70 50 30 20
10 10
20
30 50 70 100 VZ, ZENER VOLTAGE (VOLTS)
200
Figure 7. Zener Voltage -- 14 To 200 Volts
Figure 8. Effect of Zener Current
NOTE 1. ZENER VOLTAGE (VZ) MEASUREMENT Nominal zener voltage is measured with the device junction in thermal equilibrium with ambient temperature at 25C.
NOTE 2. ZENER IMPEDANCE (Z Z) DERIVATION ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz.
Devices listed in bold, italic are Motorola preferred devices.
3 Watt DC Power Data Sheet 7-4
Motorola TVS/Zener Device Data


▲Up To Search▲   

 
Price & Availability of 1SMB5953BT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X